Part Number Hot Search : 
SF16G B12N03 CPDU5V0 2SC2389S AN4110 F1020 IRG4BC15 P2A222
Product Description
Full Text Search
 

To Download TPI-0402-30R9D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6fkrrokrxvh/dqh 3ruwvprxwk5, 7ho   )d[   hpdlolpv#lpvuhvlvwruvfrp kwwszzzlpvuhvlvwruvfrp )hdwxuhv 7klqilopwhfkqrorj\ )xoo:udsdurxqg 1lfnho%duulhuiru h[fhoohqwvroghudelolw\ 5hvlvwdqfhydoxhviurp rkpwr0hjrkp 7rohudqfhvwr 6wdqgdug7&5wr ssp r & ssp r &dqgssp r & dydlodeohdvvshfldorughu 73,rqo\ 7klq)lop:udsdurxqg6xuidfh 0rxqw&kls5hvlvwruv 7khlpv 73,vhulhvriwklqilopzudsdurxqgvxuidfhprxqwfklsu hvlvwruv lv lghdo iru dssolfdwlrqv uhtxlulqj suhflvlrq dqg uholdelolw\ 7klq ilop whfkqrorj\hqvxuhvdsuhflvhvwdeohghylfhdwdyhu\diirugdeo hsulfh 7khzudsdurxqgwhuplqdwlrqvlqfoxghdqlfnhoeduulhuod\huwkdw surylghv h[fhoohqwvroghudelolw\dqgphfkdqlfdolqwhjulw\7khvhghylfhv kdyhwkh iroorzlqjihdwxuhv ?3uhflvlrqqlfkurphwklqilopuhvlvwruhohphqw ?$o  2  vxevwudwhpdwhuldo ?1lfnhoeduulhuod\huiruh[fhoohqwvroghudelolw\dqgphfkdqlf do lqwhjulw\ ?7rohudqfhvwr? ?8owudorzqrlvhuhvlvwruilop ?3ro\lplghsdvvlydwlrqriuhvlvwruhohphqw ?$ydlodeohrqwdshdqguhho 73 ,dovrdydlodeohlqexon 7huplqdwlrqv )xoozudsdurxqgwhuplqdwlrq 6roghusodwhgqlfnhoeduulhu 5hvlvwdqfh5dqjhv 6wdqgdug 3duwqxpehu   73, 1$  7 wr. 7 73,  7 wr. 7  7 wr. 7 73,  7 wr0 7  7 wr0 7 73,  7 wr0 7  7 wr0 7 /rz2kpv (ydoxhvrqo\ 3duwqxpehu   73,   7 wr 7  7 wr 7
50 schoolhouse lane portsmouth, ri 02871 tel (401) 683-9700 fax (401) 683-5571 e-mail: ims@ims-resistors.com http://www.ims-resistors.com part number l ength width height terminal tpi-0402 0.039 .002 0.020 .002 0.016 max. 0.008 .004 tpi-0603 0.063 .008 0.031 .008 0.022 max. 0.012 .008 tpi-0805 0.079 .008 0.049 .008 0.026 max. 0.014 .010 tpi-1206 0.124 .010 0.063 .008 0.026 max. 0.020 .012 tcr characteristics operating temperature -55 o cto+125 o c short time overload 0.5% + 0.0 ? max. terminal strength 0.5% + 0.0 ? max. solder heat resistance 0.5% + 0.0 ? max. solderability 95% minimum coverage temperature cycle 0.5% + 0.0 ? max. load life 0.5% + 0.0 ? max. current noise -38 db to -30 db typical maximum working voltage 0402 25vdc 0603 75 vdc 0805 low ohms 1.3 vdc 0805 100 vdc 1206 150 vdc rated power (70c) 0402, 0603 63 mw 0805 (low ohms) 250 mw 0805 (standard) 100 mw 1206 125 mw resistance tolerances 0805 low ohms 1%, 5% 0402, 0603, 0805 0.5%, 0.1% (except 0402) 1206 0.1% specifications dimensions tpi-0603 50 ppm/ o c10 ? to 97.6 ? 25 ppm/ o c100 ? to 360k ? tpi-0805 50 ppm/ o c10 ? to 97.6 ? 25 ppm/ o c100 ? to 1m ? 10 ppm/ o c100 ? to 100k ? 5ppm/ o c100 ? to 33k ? tpi-1206 50 ppm/ o c10 ? to 49.9 ? 25 ppm/ o c51 ? to 1m ? 10 ppm/ o c100 ? to 200k ? 5ppm/ o c511 ? to 200k ? wraparound ordering information form factor 0402 0603 0805* 1206* * add v for 5 ppm add n for 10 ppm (0805, 1206 size only) resistance value the first three digits are significant values. the fourth is the number of zeroes following. the r indicates a decimal point for values less than 1 ? . tpi -1206 - 97r6 d tolerance b = 0.1% d = 0.5% f=1% j=5% thin-film wraparound nickel barrier 100% matte tin tpi-0402 100 ppm/ o c10 ? to 97.6 ? 25 ppm/ o c100 ? to 100k ? example: 97. ? , 0.5% 1206 resistor tpi ver.7 05/08 specifications subject to change without notice. l t w h


▲Up To Search▲   

 
Price & Availability of TPI-0402-30R9D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X